Part Number Hot Search : 
MAX703 MAA02054 0R12KE3 HT46R01B A5801014 0R12KE3 WEDPN A1050
Product Description
Full Text Search
 

To Download MC74LVXU04-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 june, 2001 rev. 0 1 publication order number: mc74lvxu04/d mc74lvxu04 hex inverter (unbuffered) the mc74lvx04 is an advanced high speed cmos unbuffered hex inverter. the inputs tolerate voltages up to 7 v, allowing the interface of 5 v systems to 3 v systems. ? high speed: t pd = 4.1 ns (typ) at v cc = 3.3 v ? low power dissipation: i cc = 2 m a (max) at t a = 25 c ? power down protection provided on inputs ? balanced propagation delays ? low noise: v olp = 0.5 v (max) ? pin and function compatible with other standard logic families figure 1. logic diagram 2 o0 1 a0 4 o1 3 a1 6 o2 5 a2 8 o3 13 a3 10 o4 11 a4 12 o5 9 a5 pin names function data inputs outputs pins an on function table an on l h h l 14lead soic d suffix case 751a http://onsemi.com 14lead tssop dt suffix case 948g device package shipping ordering information mc74lvxu04d soic 55 units/rail mc74lvxu04dr2 soic 2500 units/reel 14lead soic eiaj m suffix case 965 mc74lvxu04dt tssop 96 units/rail 13 14 12 11 10 9 8 2 1 34567 v cc a5 o5 a4 o4 a3 o3 a0 o0 a1 o1 a2 o2 gnd 14lead pinout (top view) mc74lvxu04dtr2 tssop 2500 units/reel mc74lvxu04m soic eiaj 50 units/rail mc74lvxu04mel soic eiaj 2000 units/reel for detailed package marking information, see the marking diagram section on page 5 of this data sheet. http://onsemi.com
mc74lvxu04 http://onsemi.com 2 maximum ratings symbol parameter value unit v cc dc supply voltage  0.5 to  7.0 v v in dc input voltage  0.5 to  7.0 v v out dc output voltage  0.5 to v cc  0.5 v i ik dc input diode current v i < gnd  20 ma i ok dc output diode current v o < gnd  20 ma i out dc output sink current  25 ma i cc dc supply current per supply pin  50 ma t stg storage temperature range  65 to  150  c t l lead temperature, 1 mm from case for 10 seconds 260  c t j junction temperature under bias  150  c  ja thermal resistance soic tssop 250  c/w p d power dissipation in still air at 85  csoic tssop 250 mw msl moisture sensitivity level 1 f r flammability rating oxygen index: 30% 35% ul94vo (0.125 in) v esd esd withstand voltage human body model (note 1) machine model (note 2) charged device model (note 3) > 2000 > 200 2000 v i latchup latchup performance above v cc and below gnd at 85  c (note 4)  300 ma maximum ratings are those values beyond which damage to the device may occur. exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolutemaximumrated conditions is not implied. functional operation should be restricted to the recommended operating conditions. 1. tested to eia/jesd22a114a. 2. tested to eia/jesd22a115a. 3. tested to jesd22c101a. 4. tested to eia/jesd78. recommended operating conditions symbol parameter min max unit v cc supply voltage 2.0 3.6 v v i input voltage (note 5) 0 5.5 v v o output voltage (high or low state) 0 v cc v t a operating freeair temperature  40  85  c  t/  v input transition rise or fall rate v cc = 3.0 v  0.3 v 0 100 ns/v 5. unused inputs may not be left open. all inputs must be tied to a high or lowlogic input voltage level.
mc74lvxu04 http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? dc electrical characteristics ???? ???? ??????? ??????? ?????? ?????? ???? ???? v cc ????????? ????????? t a = 25 c ??????? ??????? t a = 40 to 85 c ?? ?? ???? ???? symbol ??????? ??????? parameter ?????? ?????? test conditions ???? ???? v cc v ???? ???? min ??? ??? typ ???? ???? max ???? ???? min ???? ???? max ?? ?? unit ???? ? ?? ? ???? v ih ??????? ? ????? ? ??????? highlevel input voltage ?????? ? ???? ? ?????? ???? ? ?? ? ???? 2.0 3.0 3.6 ???? ? ?? ? ???? 1.5 2.0 2.4 ??? ? ? ? ??? ???? ? ?? ? ???? ???? ? ?? ? ???? 1.5 2.0 2.4 ???? ? ?? ? ???? ?? ?? ?? v ???? ? ?? ? ? ?? ? v il ??????? ? ????? ? ? ????? ? lowlevel input voltage ?????? ? ???? ? ? ???? ? ???? ? ?? ? ? ?? ? 2.0 3.0 3.6 ???? ? ?? ? ? ?? ? ??? ? ? ? ? ? ? ???? ? ?? ? ? ?? ? 0.5 0.8 0.8 ???? ? ?? ? ? ?? ? ???? ? ?? ? ? ?? ? 0.5 0.8 0.8 ?? ?? ?? v ???? ? ?? ? ? ?? ? ???? v oh ??????? ? ????? ? ? ????? ? ??????? highlevel output voltage (v in = v ih or v il ) ?????? ? ???? ? ? ???? ? ?????? i oh = 50 m a i oh = 50 m a i oh = 4 ma ???? ? ?? ? ? ?? ? ???? 2.0 3.0 3.0 ???? ? ?? ? ? ?? ? ???? 1.9 2.9 2.58 ??? ? ? ? ? ? ? ??? 2.0 3.0 ???? ? ?? ? ? ?? ? ???? ???? ? ?? ? ? ?? ? ???? 1.9 2.9 2.48 ???? ? ?? ? ? ?? ? ???? ?? ?? ?? ?? v ???? ? ?? ? ???? v ol ??????? ? ????? ? ??????? lowlevel output voltage (v in = v ih or v il ) ?????? ? ???? ? ?????? i ol = 50 m a i ol = 50 m a i ol = 4 ma ???? ? ?? ? ???? 2.0 3.0 3.0 ???? ? ?? ? ???? ??? ? ? ? ??? 0.0 0.0 ???? ? ?? ? ???? 0.1 0.1 0.36 ???? ? ?? ? ???? ???? ? ?? ? ???? 0.1 0.1 0.44 ?? ?? ?? v ???? ???? i in ??????? ??????? input leakage current ?????? ?????? v in = 5.5 v or gnd ???? ???? 3.6 ???? ???? ??? ??? ???? ???? 0.1 ???? ???? ???? ???? 1.0 ?? ?? m a ???? ? ?? ? ???? i cc ??????? ? ????? ? ??????? quiescent supply current ?????? ? ???? ? ?????? v in = v cc or gnd ???? ? ?? ? ???? 3.6 ???? ? ?? ? ???? ??? ? ? ? ??? ???? ? ?? ? ???? 2.0 ???? ? ?? ? ???? ???? ? ?? ? ???? 20.0 ?? ?? ?? m a ????????????????????????????????? ????????????????????????????????? ac electrical characteristics (input t r = t f = 3.0ns) ???? ???? ????????? ????????? ???????? ???????? ????????? ????????? t a = 25 c ?????? ?????? t a = 40 to 85 c ?? ?? ???? ???? symbol ????????? ????????? parameter ???????? ???????? test conditions ???? ???? min ??? ??? typ ???? ???? max ??? ??? min ???? ???? max ?? ?? unit ???? ???? t plh , t phl ????????? ????????? propagation delay, input to output ???????? ???????? v cc = 2.7v c l = 15 pf c l = 50 pf ???? ???? ??? ??? 5.4 7.9 ???? ???? 10.1 13.6 ??? ??? 1.0 1.0 ???? ???? 12.5 16.0 ?? ?? ns ???? ? ?? ? ???? ????????? ? ??????? ? ????????? ???????? ? ?????? ? ???????? v cc = 3.3 0.3v c l = 15 pf c l = 50 pf ???? ? ?? ? ???? ??? ? ? ? ??? 4.1 6.6 ???? ? ?? ? ???? 6.2 9.7 ??? ? ? ? ??? 1.0 1.0 ???? ? ?? ? ???? 7.5 11.0 ?? ?? ?? ???? ? ?? ? ???? t oshl t oslh ????????? ? ??????? ? ????????? outputtooutput skew (note 6) ???????? ? ?????? ? ???????? v cc = 2.7v c l = 50 pf v cc = 3.3 0.3v c l = 50 pf ???? ? ?? ? ???? ??? ? ? ? ??? ???? ? ?? ? ???? 1.5 1.5 ??? ? ? ? ??? ???? ? ?? ? ???? 1.5 1.5 ?? ?? ?? ns 6. skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same d evice. the specification applies to any outputs switching in the same direction, either hightolow (t oshl ) or lowtohigh (t oslh ); parameter guaranteed by design.
mc74lvxu04 http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? capacitive characteristics ???? ???? ???????????????? ???????????????? ????????? ????????? t a = 25 c ?????? ?????? t a = 40 to 85 c ?? ?? ???? ???? symbol ???????????????? ???????????????? parameter ???? ???? min ??? ??? typ ???? ???? max ??? ??? min ???? ???? max ?? ?? unit ???? ???? c in ???????????????? ???????????????? input capacitance ???? ???? ??? ??? 4 ???? ???? 10 ??? ??? ???? ???? 10 ?? ?? pf ???? ???? c pd ???????????????? ???????????????? power dissipation capacitance (note 7) ???? ???? ??? ??? 18 ???? ???? ??? ??? ???? ???? ?? ?? pf 7. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc /6 (per buffer). c pd is used to determine the noload dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc . noise characteristics (input t r = t f = 3.0 ns, c l = 50 pf, v cc = 3.3 v, measured in soic package) t a = 25 c symbol characteristic typ max unit v olp quiet output maximum dynamic v ol 0.3 0.5 v v olv quiet output minimum dynamic v ol 0.3 0.5 v v ihd minimum high level dynamic input voltage 2.0 v v ild maximum low level dynamic input voltage 0.8 v figure 2. switching waveforms v cc gnd 50% 50% v cc a o t phl t plh *includes all probe and jig capacitance figure 3. test circuit c l * test point device under test output
mc74lvxu04 http://onsemi.com 5 marking diagrams (top view) 14lead soic d suffix case 751a 14lead tssop dt suffix case 948g 13 14 12 11 10 9 8 2 1 34567 13 14 12 11 10 9 8 2 1 34567 14lead soic eiaj m suffix case 965 13 14 12 11 10 9 8 2 1 34567 lvxu04 awlyww *see applications note #and8004/d for date code and traceability information. lvx u04 alyw lvxu04 alyw
mc74lvxu04 http://onsemi.com 6 package dimensions d suffix plastic soic package case 751a03 issue f min min max max millimeters inches dim a b c d f g j k m p r 8.55 3.80 1.35 0.35 0.40 0.19 0.10 0 5.80 0.25 8.75 4.00 1.75 0.49 1.25 0.25 0.25 7  6.20 0.50 0.337 0.150 0.054 0.014 0.016 0.008 0.004 0 0.228 0.010 0.344 0.157 0.068 0.019 0.049 0.009 0.009 7  0.244 0.019 1.27 bsc 0.050 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b p 7 pl g c k seating plane d 14 pl m j r x 45 1 7 8 14 0.25 (0.010) t b a m s s b 0.25 (0.010) m m f dt suffix plastic tssop package case 948g01 issue o dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c --- 1.20 --- 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane -w-.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l u seating plane 0.10 (0.004) t ??? ??? section nn detail e j j1 k k1 detail e f m w 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t v 14x ref k n n
mc74lvxu04 http://onsemi.com 7 package dimensions m suffix plastic soic eiaj package case 96501 issue o h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 1.42 --- 0.056 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). 0.13 (0.005) m 0.10 (0.004) d z e 1 14 8 7 e a b view p c l detail p m a b c d e e 0.50 m z
mc74lvxu04 http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc74lvxu04/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MC74LVXU04-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X